Part Number Hot Search : 
3FJ25 G936T81B 1041DV33 2SD1572 AA8361 0ETTTS 370903 MTM40N20
Product Description
Full Text Search
 

To Download GMC12AG75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 1 of 7 version# 1. 1 feature: ? low power consumption ? pack ed in tube ? alingap technology for red/yellow/yellow green ? ingan technology for green/ blue description: these 1.2 application: ? instrument panels ? indoor/outdoor display board ? audio equipment ce rtification & compliance: ? ts16949 ? iso9001 ? rohs compliant dimension: units : mm / tolerance = +/ - 0.25mm
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 2 of 7 version# 1. 1 electrical / optical characteristic (t=25 o c ) product material color i f (ma) v f (v) (nm) i v (mcd) cc ca typ. d p typ. gmc 12 ib75 gma 12 ib75 ingan blue 20 3.0 460 470 160 gmc 12 ig75 gma 12 ig75 ingan green 20 3.0 460 470 200 gmc 12 r 75 gma 12 r 75 allngap red 2 0 2.0 624 632 60 gmc 12 y 75 gma 12 y 75 allngap yellow 2 0 2.0 589 591 35 gmc 12 a g 75 gma 12 a g 75 allngap yellow green 2 0 2.0 573 575 25 absolute maximum rating material p d (mw) i f (ma) i fp (ma)* v r (v) t op ( o c) t st ( o c) t sol ( o c)** ingan ( ib/ig ) 120 30 100 5 - 40 - 8 5 - 40 - 100 260 alingap ( r /y/ag ) 7 0 30 90 5 - 40 - 8 5 - 40 - 100 260 *duty 1/10 @ 1khz ** ir reflow for n o more than 5 sec @ 260 o c
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 3 of 7 version# 1. 1 pin configuration cc ca
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 4 of 7 version# 1. 1 characteristic curves: ingan
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 5 of 7 version# 1. 1 alingap
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 6 of 7 version# 1. 1 solder profile : ordering information: product spec range quantity per tube cc ca gmc12 ib 75 gma12 ib 75 iv= 16 0 mcd typ. @ i f =20ma tbd gmc12 ig 75 gma12 ig 75 iv= 200 mcd typ. @ i f =20ma tbd gmc12r75 gma12r75 iv= 60 mcd typ. @ i f =20ma tbd gmc12y75 gma12y75 iv=35mcd typ. @ i f =20ma tbd gmc12a g75 gma12a g75 iv= 25 mcd typ. @ i f =20ma tbd
gm z 12 x x75_s eries 1.2 5x7 dot matrix product: gm z 12x x 75 s eries date: 0 7 / 13 /2011 page 7 of 7 version# 1. 1 revision history: description: revision # revision date new release of gmz 12 x x 75 _s eries v1.0 0 5/26/2011 add color blue/ green spec. v1.1 07/13/2011


▲Up To Search▲   

 
Price & Availability of GMC12AG75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X